PART |
Description |
Maker |
XC7SET125 XC7SET125GF XC7SET125GW XC7SET125GV XC7S |
High-spped Si-gate CMOS devices, one non-inverting buffer/line driver with 3-state output
|
NXP Semiconductors
|
2SC5172 E001056 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
LTC1142HVCGPBF LTC114200 |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.05 A SWITCHING CONTROLLER, 250 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
2SC3307 E000825 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system HIGH SPEED AND HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR APPLICATIONS
|
Toshiba Semiconductor
|
2SC2555 E000735 |
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS) From old datasheet system SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba Semiconductor
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
MB3778P |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 0.075 A DUAL SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDIP16 Switching Regulator Controller
|
Fujitsu, Ltd. Fujitsu Component Limited.
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
2SC3075 E000786 |
From old datasheet system TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SC2552 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS) SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS.
|
TOSHIBA
|